Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS431
Description  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431 Datasheet(HTML) 3 Page - STMicroelectronics

  TS431 Datasheet HTML 1Page - STMicroelectronics TS431 Datasheet HTML 2Page - STMicroelectronics TS431 Datasheet HTML 3Page - STMicroelectronics TS431 Datasheet HTML 4Page - STMicroelectronics TS431 Datasheet HTML 5Page - STMicroelectronics TS431 Datasheet HTML 6Page - STMicroelectronics TS431 Datasheet HTML 7Page - STMicroelectronics TS431 Datasheet HTML 8Page - STMicroelectronics TS431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS431
Electrical characteristics
3/12
2
Electrical characteristics
Definition of output voltage change over temperature range
ΔVref is defined as the difference between the maximum and minimum values obtained over
the full temperature range.
ΔVref = Vref max - Vref min
Figure 1.
Output voltage change over temperature range
Table 3.
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vref
Output voltage
VKA = Vref @ Ik = 100μA
TS431
TS431A
TS431B
1.215
1.228
1.234
1.240
1.265
1.252
1.246
V
ΔVref
Output voltage change (1) (2)
Ik = 100μA, VKA = Vref
0 < Tamb < +70°C
-40 < Tamb < +85°C
-40 < Tamb < +105°C
-40 < Tamb < +125°C
9
16
18
21
mV
Ratio of change in reference input
voltage to change in cathode to
anode voltage
Ik = 10mA
VKA = 6V to Vref
1.8
2.7
mV/V
Iref
Reference input current
Ik = 10mA
70
160
nA
ΔIref
Reference input current deviation
over temperature range
Ik=10mA, R1=10kΩ, R2=∝
-40 < Tamb < +85°C
-40 < Tamb < +125°C
70
90
160
240
nA
Imin
Minimum cathode current for
regulation
VKA = Vref
40
60
μA
Ioff
Off-state cathode current
VKA = 6V, Vref = 0
0.001
0.1
μA
RKA
Static impedance
VKA = Vref, Ik = 0.1 to 15mA
0.2
0.4
Ω
1.
Limits are 100% production tested at 25°C. Behavior at the temperature range limits is guaranteed through correlation and
by design.
2.
See definition below.
ΔVref
ΔVka
----------------
T1
T2
T e m per a tur e
Vref m in .
Vref m ax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com