Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS431
Description  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431 Datasheet(HTML) 4 Page - STMicroelectronics

  TS431 Datasheet HTML 1Page - STMicroelectronics TS431 Datasheet HTML 2Page - STMicroelectronics TS431 Datasheet HTML 3Page - STMicroelectronics TS431 Datasheet HTML 4Page - STMicroelectronics TS431 Datasheet HTML 5Page - STMicroelectronics TS431 Datasheet HTML 6Page - STMicroelectronics TS431 Datasheet HTML 7Page - STMicroelectronics TS431 Datasheet HTML 8Page - STMicroelectronics TS431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
TS431
4/12
Figure 2.
Reference voltage vs. temperature
Figure 3.
Test circuit for VKA = Vref
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
1.228
1.232
1.236
1.24
1.244
1.248
1.252
Vka = Vref
Ik = 100 µA
Input
Vka
Vref
Ik
Output
Figure 4.
Cathode voltage vs. cathode
current
Figure 5.
Cathode voltage vs. cathode
current
-1
-0.5
0
0.5
1
1.5
Vka Cathode voltage (V)
-15
-10
-5
0
5
10
15
Vka = Vref
T = 25°C
0
102030
405060
Ika Cathode current (µA)
0
0.5
1
1.5
-40°C
+25°C
+85°C
+125°C
Figure 6.
Reference input current vs.
temperature
Figure 7.
Static impedance vs. temperature
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
20
40
60
80
100
Ik = 10mA
R1 = 10 K
Ω
R2 = +
∞
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
0
0.1
0.2
0.3
0.4
Vka = Vref
Ik = 100µA to 15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com