Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822ILT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS822ILT
Description  2.5V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822ILT Datasheet(HTML) 6 Page - STMicroelectronics

  TS822ILT Datasheet HTML 1Page - STMicroelectronics TS822ILT Datasheet HTML 2Page - STMicroelectronics TS822ILT Datasheet HTML 3Page - STMicroelectronics TS822ILT Datasheet HTML 4Page - STMicroelectronics TS822ILT Datasheet HTML 5Page - STMicroelectronics TS822ILT Datasheet HTML 6Page - STMicroelectronics TS822ILT Datasheet HTML 7Page - STMicroelectronics TS822ILT Datasheet HTML 8Page - STMicroelectronics TS822ILT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package information
TS822
6/9
3
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Figure 13.
Pulse response for Ik=100mA
(detailed part)
Figure 14.
Pulse response for Ik=100mA
(detailed part)
Pulse response for Ik=1mA
Detailed part
0V
5V
2.5V
0V
0
50
100
150
200
Time (ns)
Input
Output
Pulse response for Ik=1mA
Detailed part
0V
5V
0V
2.5V
0
0.2
0.4
0.6
0.8
1
Time (µs)
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com