Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822ILT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS822ILT
Description  2.5V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822ILT Datasheet(HTML) 1 Page - STMicroelectronics

  TS822ILT Datasheet HTML 1Page - STMicroelectronics TS822ILT Datasheet HTML 2Page - STMicroelectronics TS822ILT Datasheet HTML 3Page - STMicroelectronics TS822ILT Datasheet HTML 4Page - STMicroelectronics TS822ILT Datasheet HTML 5Page - STMicroelectronics TS822ILT Datasheet HTML 6Page - STMicroelectronics TS822ILT Datasheet HTML 7Page - STMicroelectronics TS822ILT Datasheet HTML 8Page - STMicroelectronics TS822ILT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2007
Rev 2
1/9
9
TS822
2.5V micropower shunt voltage reference
Features
2.50V typical output voltage
Ultra low current consumption: 40µA typ.
High precision @ 25°C
– ±2% (standard version)
– ±1% (A grade)
High stability when used with capacitive loads
Industrial temperature range: -40°C to +85°C
100ppm/°C maximum temperature coefficient
Applications
Computers
Instrumentation
Battery chargers
Switch mode power supply
Battery operated equipment
Description
The TS822 is a low power shunt voltage reference
providing a stable 2.5V output voltage over the
industrial temperature range (-40°C to +85°C).
Availabe in SOT23-3 surface mount package, it
can be designed in applications where space
saving is critical.
The low operating current is a key advantage for
power restricted designs. In addition, the TS822 is
very stable and can be used in a broad range of
application conditions.
L
SOT23-3L
(Plastic micropackage)
Pin connections
(Top view)
www.st.com


Similar Part No. - TS822ILT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS822IL STMICROELECTRONICS-TS822IL Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
More results

Similar Description - TS822ILT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2000
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com