Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822ILT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS822ILT
Description  2.5V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822ILT Datasheet(HTML) 2 Page - STMicroelectronics

  TS822ILT Datasheet HTML 1Page - STMicroelectronics TS822ILT Datasheet HTML 2Page - STMicroelectronics TS822ILT Datasheet HTML 3Page - STMicroelectronics TS822ILT Datasheet HTML 4Page - STMicroelectronics TS822ILT Datasheet HTML 5Page - STMicroelectronics TS822ILT Datasheet HTML 6Page - STMicroelectronics TS822ILT Datasheet HTML 7Page - STMicroelectronics TS822ILT Datasheet HTML 8Page - STMicroelectronics TS822ILT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute maximum ratings and operating conditions
TS822
2/9
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Ik
Reverse breakdown current
20
mA
If
Forward current
10
mA
Pd
Power dissipation (1)SOT23-3
1.
Pd is calculated with Tamb = 25°C and Rthja = 340°C/W for the SOT23-3L package
360
mW
Tstg
Storage temperature
-65 to +150
°C
ESD
Human body model (HBM)(2)
2.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
2kV
Machine model (MM)(3)
3.
Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins
of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
200
V
Tlead
Lead temperature (soldering, 10 seconds)
260
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
Ik-min
Minimum operating current
50
μA
Ik-max
Maximum operating current
15
mA
Toper
Operating free air temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com