Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101AC Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSM101AC
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101AC Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSM101AC Datasheet HTML 5Page - STMicroelectronics TSM101AC Datasheet HTML 6Page - STMicroelectronics TSM101AC Datasheet HTML 7Page - STMicroelectronics TSM101AC Datasheet HTML 8Page - STMicroelectronics TSM101AC Datasheet HTML 9Page - STMicroelectronics TSM101AC Datasheet HTML 10Page - STMicroelectronics TSM101AC Datasheet HTML 11Page - STMicroelectronics TSM101AC Datasheet HTML 12Page - STMicroelectronics TSM101AC Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TSM101/A
9/13
5.4. An example of application where the
charging current is different according to the
charging phase.
The following application includes a specific rec-
ommendation which requires that the charging
current should be fixed to Ich1 = 800mA in normal
charging conditions, and Ich2 = 200mA when the
cell voltage is below Vl=2.5V to optimize the cell
life-time.
Moreover, an Charging Status LED should be
switched off when the cell voltage is above
Vh=6.5V.
Figure 6 shows how this can easily be achieved
using an additional dual comparator (type LM393)
where the first operator (C1) is used to activate the
TSM101 internal current generator to offset the
current measurement thanks to R4, and the sec-
ond (C2) is used to switch the status LED off. On
figure 6, the status signal is determined by voltage
measurement, this could as well be achieved by
current measurement.
If V5 = 100mV is the maximum tolerable voltage
drop through the sense resistor R5 during normal
charging conditions, then the following calcula-
tions apply :
Current Control :
R5 = V5 / Ich1 = 0.1 / 0.8 = 0.125
R5 = 125m
Ω
V5 = Vref x R3 / (R2 + R3) with R2 + R3 ~ 12kΩ
and Vref = 1.24V
R3 = 1k
Ω, R2 = 11.4kΩ
V5 = R4 x Io + R5 x Ich2, therefore, R4 = (V5 - R5
x Ich2) / Io with Io = 1.4mA
R4 = 53.6
Ω
Vref = Vl x R15 / (R14 + R15) with Vl = 2.5V and
R14 + R15 ~ 20k
Ω
R15 = R14 = 10k
Ω
Voltage Control :
Vref = Vh x R6 / (R6 + R7) with Vh = 6.5V and
R6 + R7 ~ 12kW
R6 = 2.36kW, R7 = 10kW
Vref = Vh R17 / (R16 + R17)
R17 = 10kW, R16 = 42kW
Voltage Control :
Vref = Vh x R6 / (R6 + R7) with Vh = 6.5V and
R6 + R7 ~ 12kW
R6 = 2.36kW, R7 = 10kW
Vref = Vh R17 / (R16 + R17)
R17 = 10kW, R16 = 42kW
Figure 6 : Optimized Charging Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com