Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101AC Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM101AC
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101AC Datasheet(HTML) 1 Page - STMicroelectronics

  TSM101AC Datasheet HTML 1Page - STMicroelectronics TSM101AC Datasheet HTML 2Page - STMicroelectronics TSM101AC Datasheet HTML 3Page - STMicroelectronics TSM101AC Datasheet HTML 4Page - STMicroelectronics TSM101AC Datasheet HTML 5Page - STMicroelectronics TSM101AC Datasheet HTML 6Page - STMicroelectronics TSM101AC Datasheet HTML 7Page - STMicroelectronics TSM101AC Datasheet HTML 8Page - STMicroelectronics TSM101AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
s 1.24V SERIES VOLTAGE REFERENCE
WITH 10mA OUTPUT CURRENT AND 1%
PRECISION (TSM101A)
s TWO OPERATIONAL AMPLIFIERS WITH
ORED OUTPUT AND 1MHZ GAIN BAND-
WIDTH PRODUCT
s BUILT-IN CURRENT GENERATOR WITH
ENABLE/DISABLE FUNCTION
s 4.5 TO 32V SUPPLY VOLTAGE RANGE
s SO8 AND DIP8 PACKAGES
DESCRIPTION
The TSM101/TSM101A integrated circuit incorpo-
rates a high stability series band gap voltage refer-
ence, two ORed operational amplifiers and a cur-
rent source.
This IC compares the DC voltage and the current
level at the output of a switching power supply to
an internal reference. It provides a feedback
through an optocoupler to the PWM controller IC
in the primary side.
The controlled current generator can be used to
modify the level of current limitation by offsetting
the information coming from the current sensing
resistor.
APPLICATIONS
This circuit is designed to be used in battery
chargers with a constant voltage and a limited out-
put current.
It can be used in every types of application requir-
ing a precision voltage regulation and current limi-
tation.
Other applications include voltage supervisors,
over voltage protection...
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
ND
TSM101C/AC
-20°C, +80°C
••
TSM101I/AI
-40°C, +105°C
••
D
SO8
(Plastic Micropackage)
N
DIP8
(Plastic Package)
1
2
3
4
8
5
6
7
Vref
TSM101/A
VOLTAGE AND CURRENT CONTROLLER
June 2001


Similar Part No. - TSM101AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101AC STMICROELECTRONICS-TSM101AC Datasheet
117Kb / 15P
VOLTAGE AND CURRENT CONTROLLER
Jun-1999
TSM101ACD STMICROELECTRONICS-TSM101ACD Datasheet
391Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
More results

Similar Description - TSM101AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
VOLTAGE AND CURRENT CONTROLLER
Jun-1999
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
Voltage and Current Controller
logo
List of Unclassifed Man...
CYT101 ETC2-CYT101 Datasheet
1Mb / 3P
Voltage and Current Controller
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102_04 Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
VOLTAGE AND CURRENT CONTROLLER
Jun-2001
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com