Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101AC Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM101AC
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101AC Datasheet(HTML) 2 Page - STMicroelectronics

  TSM101AC Datasheet HTML 1Page - STMicroelectronics TSM101AC Datasheet HTML 2Page - STMicroelectronics TSM101AC Datasheet HTML 3Page - STMicroelectronics TSM101AC Datasheet HTML 4Page - STMicroelectronics TSM101AC Datasheet HTML 5Page - STMicroelectronics TSM101AC Datasheet HTML 6Page - STMicroelectronics TSM101AC Datasheet HTML 7Page - STMicroelectronics TSM101AC Datasheet HTML 8Page - STMicroelectronics TSM101AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSM101/A
2/13
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
Tamb = 25°C, VCC = 15V (unless otherwise specified)
OPERATIONAL AMPLIFIER: TSM101C/I/AC/AI
Symbol
Parameter
Value
Unit
VCC
DC supply Voltage1)
1.
All voltages values, except differential voltage are with respect to network ground terminal.
36
V
Iout
Output Current2)
2.
The voltage reference is not protected against permanent short circuit.
20
mA
Pd
Power Dissipation
200
mW
Vin
Input Voltage3)
3.
The magnitude of input and output voltages must never exceed -0.3V or VCC -1.5V.
-0.3, VCC -1.5
V
Iout
Input Current
±1
mA
Tstg
Storage Temperature
-40 to +125
°C
Tj
Maximum Junction Temperature
150
°C
Tthja
Thermal Resistante Junction to Ambiant
130 to 200
°C/W
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 32
V
Toper
Operating Free Air Temperature Range
Tmax to Tmin
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Total Supply Current
VCC = 1.5V
2
mA
Vi
Input Voltage Range
0
VCC - 1.5V
V
Vio
Input Offset Voltage
25°C
Tmin. ≤ Tamb ≤ Tmax.
-5
-7
15
7
mV
Iib
Input Bias Current
@ Vin =1.2V on pin and Vin =0V on pin 5
25°C
Tmin. ≤ Tamb ≤ Tmax.
-700
-1000
-300
0
0
nA
Isink
Output Sink Current, Vol =2.5V
25°C
Tmin. ≤ Tamb ≤ Tmax.
8
15
mA
Avo
Large Signal Voltage Gain
RL =2kΩ
Tmin. ≤ Tamb ≤ Tmax.
15
V/m
V
SVR
Supply Voltage Rejection Ratio
Tmin. ≤ Tamb ≤ Tmax.
65
90
dB
CMR
Common Mode Rejection Ratio
Tmin. ≤ Tamb ≤ Tmax.
80
dB
GBP
Gain Bandwith Product
Vcc =15V, F = 100kHz
Vin = 10mV, RL = 2kΩ, CL = 100pF
1
MHz
Io
Output Leakage Current
25°C
Tmin. ≤ Tamb ≤ Tmax.
2
7
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com