Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # USBLC6-4
Description  Very low capacitance ESD protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button USBLC6-4 Datasheet HTML 5Page - STMicroelectronics USBLC6-4 Datasheet HTML 6Page - STMicroelectronics USBLC6-4 Datasheet HTML 7Page - STMicroelectronics USBLC6-4 Datasheet HTML 8Page - STMicroelectronics USBLC6-4 Datasheet HTML 9Page - STMicroelectronics USBLC6-4 Datasheet HTML 10Page - STMicroelectronics USBLC6-4 Datasheet HTML 11Page - STMicroelectronics USBLC6-4 Datasheet HTML 12Page - STMicroelectronics USBLC6-4 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
USBLC6-4
Technical information
9/13
2.6
PSPICE model
Figure 16. shows the PSPICE model of one USBLC6-4SC6 cell. In this model, the diodes
are defined by the PSPICE parameters given in Figure 17.
Figure 16.
PSPICE model
Note:
This simulation model is available only for an ambient temperature of 27 °C.
MODEL = Dlow
MODEL = Dhigh
MODEL = Dlow
MODEL = Dhigh
MODEL = Dlow
MODEL = Dhigh
MODEL = Dlow
MODEL = Dhigh
VBUS
LIO
io1
RIO
LIO
io2
GND
RIO
LIO
RIO
io3
MODEL = Dzener
LIO
RIO
LIO
io4
RIO
RGND
LGND
MODEL = Dlow
MODEL = Dhigh
MODEL = Dlow
MODEL = Dhigh
MODEL = Dlow
MODEL = Dhigh
MODEL = Dlow
MODEL = Dhigh
VBUS
LIO
io1
RIO
LIO
io2
GND
RIO
LIO
RIO
io3
MODEL = Dzener
LIO
RIO
LIO
io4
RIO
RGND
LGND
Figure 17.
PSPICE parameters
Figure 18.
USBLC6-4SC6 PCB layout
considerations
0.1u
0.1u
0.1u
TT
0.6
0.6
0.6
VJ
0.42
0.63
0.38
RS
0.3333
0.3333
0.3333
M
1.24
1.13
1.62
N
100p
100p
100p
ISR
3.21p
2.27f
55.2p
IS
2.42
0.018
0.038
IKF
1m
1m
1m
IBV
20p
2.4p
2.4p
CJ0
7.3
50
50
BV
Dzener
Dhigh
Dlow
0.1u
0.1u
0.1u
TT
0.6
0.6
0.6
VJ
0.42
0.63
0.38
RS
0.3333
0.3333
0.3333
M
1.24
1.13
1.62
N
100p
100p
100p
ISR
3.21p
2.27f
55.2p
IS
2.42
0.018
0.038
IKF
1m
1m
1m
IBV
20p
2.4p
2.4p
CJ0
7.3
50
50
BV
Dzener
Dhigh
Dlow
50m
RGND
430p
LGND
100m
RIO
710p
LIO
50m
RGND
430p
LGND
100m
RIO
710p
LIO
D+1
C
= 100nF
BUS
D-1
GND
USBLC6-4SC6
D+2
D-2
VBUS
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com