Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # USBLC6-4
Description  Very low capacitance ESD protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4 Datasheet(HTML) 3 Page - STMicroelectronics

  USBLC6-4 Datasheet HTML 1Page - STMicroelectronics USBLC6-4 Datasheet HTML 2Page - STMicroelectronics USBLC6-4 Datasheet HTML 3Page - STMicroelectronics USBLC6-4 Datasheet HTML 4Page - STMicroelectronics USBLC6-4 Datasheet HTML 5Page - STMicroelectronics USBLC6-4 Datasheet HTML 6Page - STMicroelectronics USBLC6-4 Datasheet HTML 7Page - STMicroelectronics USBLC6-4 Datasheet HTML 8Page - STMicroelectronics USBLC6-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
USBLC6-4
Characteristics
3/13
Figure 2.
Capacitance versus voltage
(typical values)
Figure 3.
Line capacitance versus frequency
(typical values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
C =I/O-I/O
j
C =I/O-GND
O
Data line voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
1000
C(pF)
V
=30mV
T =25°C
OSC
RMS
j
V
=1.65V
CC
F(MHz)
V
=0V
CC
Figure 4.
Relative variation of leakage
current versus junction
temperature (typical values)
Figure 5.
Frequency response
1
10
100
25
50
75
100
125
T (°C)
j
V
=5V
BUS
I[T
RM
j] / I
[T
RM
j=25°C]
100.0k
1.0M
10.0M
100.0M
1.0G
-20.00
-15.00
-10.00
-5.00
0.00
S21(dB)
F(Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com