Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBLC6-4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBLC6-4
Description  Very low capacitance ESD protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-4 Datasheet(HTML) 1 Page - STMicroelectronics

  USBLC6-4 Datasheet HTML 1Page - STMicroelectronics USBLC6-4 Datasheet HTML 2Page - STMicroelectronics USBLC6-4 Datasheet HTML 3Page - STMicroelectronics USBLC6-4 Datasheet HTML 4Page - STMicroelectronics USBLC6-4 Datasheet HTML 5Page - STMicroelectronics USBLC6-4 Datasheet HTML 6Page - STMicroelectronics USBLC6-4 Datasheet HTML 7Page - STMicroelectronics USBLC6-4 Datasheet HTML 8Page - STMicroelectronics USBLC6-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2008
Rev 3
1/13
13
USBLC6-4
Very low capacitance ESD protection
Features
4 data lines protection
Protects VBUS
Very low capacitance: 3 pF typ.
SOT23-6L package
RoHS compliant
Benefits
Very low capacitance between lines to GND for
optimized data integrity and speed
Low PCB space consumption, 9 mm²
maximum foot print
Enhanced ESD protection. IEC 61000-4-2 level
4 compliance guaranteed at device level,
hence greater immunity at system level
ESD protection of VBUS. Allows ESD current
flowing to Ground when ESD event occurs on
data line
High reliability offered by monolithic integration
Low leakage current for longer operation of
battery powered devices
Fast response time
Consistent D+ / D- signal balance:
– Best capacitance matching tolerance
I/O to GND = 0.015 pF
– Compliant with USB 2.0 requirements
< 1 pF
Complies with the following standards
IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
Applications
USB 2.0 ports up to 480 Mb/s (high speed)
Backwards compatible with USB 1.1 low and
full speed
Ethernet port: 10/100 Mb/s
SIM card protection
Video line protection
Portable electronics
Description
The USBLC6-4SC6 is a monolithic application
specific device dedicated to ESD protection of
high speed interfaces, such as USB 2.0, Ethernet
links and video lines.
Its very low line capacitance secures a high level
of signal integrity without compromising in
protecting sensitive chips against the most
stringent characterized ESD strikes.
Figure 1.
Functional diagram
SOT23-6L
11
6
2
5
3
4
I/O1
I/O4
GND
VBUS
I/O2
I/O3
www.st.com


Similar Part No. - USBLC6-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
VERY LOW CAPACITANCE ESD PROTECTION
28-Feb-2005
USBLC6-4SC6Y STMICROELECTRONICS-USBLC6-4SC6Y Datasheet
145Kb / 10P
Automotive very low capacitance ESD protection
06-Sep-2012
More results

Similar Description - USBLC6-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-2 STMICROELECTRONICS-USBLC6-2 Datasheet
136Kb / 11P
VERY LOW CAPACITANCE ESD PROTECTION
07-Jun-2005
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
VERY LOW CAPACITANCE ESD PROTECTION
28-Feb-2005
USBLC6-2 STMICROELECTRONICS-USBLC6-2_08 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
USBLC6-2SC6Y STMICROELECTRONICS-USBLC6-2SC6Y Datasheet
224Kb / 14P
Very low capacitance ESD protection
24-Oct-2011
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
PE1605M2AQ PANJIT-PE1605M2AQ Datasheet
447Kb / 5P
Very Low Capacitance Esd Protection
May 4,2021 PE1605M2AQ-REV.02
PEC2305C4E5 PANJIT-PEC2305C4E5 Datasheet
228Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C4E5-REV.01
PEC2305M1Q PANJIT-PEC2305M1Q Datasheet
312Kb / 5P
VERY LOW CAPACITANCE ESD Protection
April 11,2019-REV.00
PEC2605C1ES PANJIT-PEC2605C1ES Datasheet
162Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
May 29,2018-REV.00
PEC2605C2E PANJIT-PEC2605C2E Datasheet
224Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2605C2E-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com