Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365V032 Datasheet(PDF) 9 Page - STMicroelectronics

Part # VT5365V032
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365V032 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VT5365V032 Datasheet HTML 5Page - STMicroelectronics VT5365V032 Datasheet HTML 6Page - STMicroelectronics VT5365V032 Datasheet HTML 7Page - STMicroelectronics VT5365V032 Datasheet HTML 8Page - STMicroelectronics VT5365V032 Datasheet HTML 9Page - STMicroelectronics VT5365V032 Datasheet HTML 10Page - STMicroelectronics VT5365V032 Datasheet HTML 11Page - STMicroelectronics VT5365V032 Datasheet HTML 12Page - STMicroelectronics VT5365V032 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VT5365
Design notes
9/26
2.4
Reference design - bill of materials
For complete reference design schematics for both single battery and batteries in series
designs, please refer to the STV-365-R0X user manuals.
Table 3.
Bill of materials: main components
Ref.
Description
Manufacturer
Part Number
U1
Optical mouse sensor
STMicroelectronics
VT5365V032
Q1
BSS138 N-channel MOSFET, SOT23 Farnell
518-621
Q2
NPN transistor to drive D1
Standard component - many supplier
D2
SMD power Schottky diode,
STPS340U SMB
Farnell
935-207
L1
15 µH surface mount inductor
DO1608 series
CoilCraft
D1
Navigation LED
See Section 6: LED selection on page 21
X1
12 MHz low profile HS49 Xtal
TXC
SW1 - SW6
Sealed keyswitch (SMD) B3S1000,
ID button
Standard component - many supplier
SW7
Z-wheel
Dicgu HK
Electronics
EN028D-11PS1-30-
R
R1- R6
100K resistor
Standard component - many suppliers
R9
Controls max current through LED
Standard component - many suppliers
R12
560K resistor
Standard component - many suppliers
R7,R8,R13
470K resistor
Standard component - many suppliers
C6,C7
22 pF capacitor
Standard component - many suppliers
C1
680 pF capacitor
Standard component - many suppliers
C2,C5,C9
100 nF capacitor
Standard component - many suppliers
C3,C4,C8
10 µF tantalum capacitor
Standard component - many suppliers
Only required if EEPROM is fitted
U2
256 or 4 KByte EEPROM
STMicroelectronics
R10,R11
1K2 resistor
Standard component - many suppliers
Additional items not mounted on the PCB
Optics assembly
See Section 5: Optics assembly on page 18
Aperture stop
See Section 5: Optics assembly on page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com