Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365V032 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VT5365V032
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365V032 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VT5365V032 Datasheet HTML 18Page - STMicroelectronics VT5365V032 Datasheet HTML 19Page - STMicroelectronics VT5365V032 Datasheet HTML 20Page - STMicroelectronics VT5365V032 Datasheet HTML 21Page - STMicroelectronics VT5365V032 Datasheet HTML 22Page - STMicroelectronics VT5365V032 Datasheet HTML 23Page - STMicroelectronics VT5365V032 Datasheet HTML 24Page - STMicroelectronics VT5365V032 Datasheet HTML 25Page - STMicroelectronics VT5365V032 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Electrical characteristics
VT5365
22/26
7
Electrical characteristics
7.1
Typical operating conditions
Note:
1
Supply currents above are for VT5365 sensor, IR LED and RF stage, measured at 1.8 V
(direct drive).
2
Vtop - VT5365 in regulated mode. In direct drive Vtop should be connected to Vin.
7.2
Logic IO
Note:
All digital inputs/outputs are 1.8 V capable, 5 V tolerant.
Table 5.
Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vin
Supply voltage
1.7
1.8
2.0
V
Vtop
Supply Voltage
2.0
3.2
v
Supply current (Fast RUN mode - 10 Kfps)
28
mA
Supply current (Slow RUN mode - 2.5 Kfps)
16
mA
Supply current (IDLE 1 mode)
500
µA
Supply current (IDLE 2 mode)
120
µA
Supply current (SLEEP mode)
60
µA
Table 6.
Digital IO electrical characteristics
Symbol
Parameter description
Min.
Typ.
Max.
Unit
CMOS digital inputs
VIL
Low level input voltage
0V
0.3 VDD
V
VIH
High level input voltage
0.7 VDD
5.5 V
V
IIL
Low level input current
-1
µA
IIH
High level input current
1
µA
CMOS digital outputs
VOL
Low level output voltage (4 mA load)
0.3 VDD
V
VOH
High level output voltage (4 mA load)
0.7 VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com