Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5365V032 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VT5365V032
Description  Single chip optical/laser mouse sensor for wireless applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5365V032 Datasheet(HTML) 5 Page - STMicroelectronics

  VT5365V032 Datasheet HTML 1Page - STMicroelectronics VT5365V032 Datasheet HTML 2Page - STMicroelectronics VT5365V032 Datasheet HTML 3Page - STMicroelectronics VT5365V032 Datasheet HTML 4Page - STMicroelectronics VT5365V032 Datasheet HTML 5Page - STMicroelectronics VT5365V032 Datasheet HTML 6Page - STMicroelectronics VT5365V032 Datasheet HTML 7Page - STMicroelectronics VT5365V032 Datasheet HTML 8Page - STMicroelectronics VT5365V032 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
VT5365
Introduction
5/26
Care has been taken to implement ultra-low power idle/sleep modes with wakeups at
programmable periods and/or via external events, enabling very long battery life. It is
estimated that with a typical user and two AA Alkaline batteries configured in parallel, a
useful battery lifetime of 9 months can be achieved.
STMicroelectronics default firmware supports 5 buttons, mechanical Z-wheel, low battery
level detect/indicate output and internal DC/DC controller to supply the navigation LED.
The firmware generates baseband 4.8 kbps, Manchester coded data with RF on signal for
standby.
The output can be selected as either baseband RF serial data, or 27.045 MHz FSK digitally
modulated signal. In this case, minimal external circuitry is required for filtering and
amplification, and the overall system can be achieved using a single 12 MHz Xtal.
This firmware may be replaced allowing customers to build in their own features for their
particular mouse (including 2 extra GPIO). For more details please refer to Section 4:
Customizable firmware on page 16.
The VT5365 sensor will operate over a wide range of illuminant wavelengths and is suitable
for use with visible, IR and laser light sources.
A specifically designed optical system with integrated light guide and lens is available along
with an aperture piece which clips the package in place aligning the optics. This has been
optimized for low cost, space saving and ease of assembly in high volume mouse
manufacture.
The main functional blocks of the VT5365 are shown in Figure 2.
Figure 2.
VT5365 block diagram
TRK_LED
Pixel Array
365 Core
12 MHz
Buttons
Vdd (1.8 V)
LED Control
VT5365
Power
SDA
SCL
Optional
EEPROM
Power
RFON
RFOUT
X1
X0
GPIO1-7
Z-wheel
GPIO 0
LO BATT
SGPIO 0
SGPIO 1
PSU
Select
VGATE
VLED
VHIGH
27 MHz
Passive LC
1.8 V Single Stage
Amplifier
Single Cell Voltage
Management
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com