Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6779MSGWB6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM6779MSGWB6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6779MSGWB6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM6779MSGWB6F Datasheet HTML 4Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 5Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 6Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 7Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 8Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 9Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 10Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 11Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Description
STM6717/6718/6719/6720/STM6777/6778/6779/6780
8/29
VCC1. It can be driven from a TTL or CMOS logic line, or with open drain/collector outputs,
or connected to VSS through a switch. If unused, leave this pin open or connect it to VCC1.
Connect a normally open momentary switch from MR to VSS; external debounce circuitry is
not required. (If MR is driven from long cables or if the device is used in noisy environments,
connecting a 0.1µF capacitor from MR to VSS provides additional noise immunity.
1.1.4
Manual reset delay input (MRC) - STM6777/78/79/80)
This pin is either left open or connected to VSS via a capacitor. By selecting the appropriate
capacitor, the manual reset process, initiated by pressing the push-button Manual Reset
Input, can be delayed by any value from 6µs or more (see Table 7 on page 21).
1.1.5
Primary supply voltage monitoring input (VCC1)
It also is the input for the primary reset threshold monitor. Available fixed (customer-
selectable, factory-programmed) reset thresholds include 4.63V to 1.58V.
1.1.6
Secondary supply voltage monitoring input (VCC2)
This function is available on the STM6717/18/19/20/77/78. Fixed (customer-selectable,
factory-programmed) reset thresholds include 3.08V to 0.79V.
1.1.7
Adjustable reset comparator input (RSTIN; STM6719/20/79/80)
This is a high impedance input. RST is driven low when the voltage at the RSTIN pin falls
below 0.626V (internal reference voltage at this comparator). The monitored voltage reset
threshold is set with an external resistor-divider network.
Table 3.
Pin functions
Pin
Name
Function
STM6717
STM6718
STM6719
STM6720
STM6777
STM6778
STM6779
STM6780
1111
RST
Active-low reset output
3333
MR
Push-button reset input
––54
MRC
Manual reset delay input
5666
VCC1 Primary supply voltage input
444–
VCC2 Secondary supply voltage input
–5–5
RSTIN Adjustable reset comparator input
2222
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com