Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6779MSGWB6F Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM6779MSGWB6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6779MSGWB6F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM6779MSGWB6F Datasheet HTML 21Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 22Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 23Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 24Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 25Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 26Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 27Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 28Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
STM6717/6718/6719/6720/STM6777/6778/6779/6780
Part numbering
25/29
7
Part numbering
Table 10.
Ordering information scheme
Example:
STM67xx
LT
WY
6
E
Device type
STM67xx
Reset thresholds (VRST1 and VRST2) for VCC1 and VCC2
STM6717/18/19/20/77/78 (VRST1 and VRST2) STM6779/80 (VRST1 only)
Suffix
VRST1
VRST2
Suffix
VRST1
LT
4.625
3.075
L–(1)
4.625
MS
4.375
2.925
T–(1)
3.075
MR
4.375
2.625
S–(1)
2.925
TZ(1)
1.
These are standard versions and are typically held in stock. A non-standard version may require a higher minimum
volumes, and/or longer delivery times. For other options, or for more information on any aspect of this device, please
contact the ST Sales Office nearest you
3.075
2.313
Y–(1)
2.188
TW(1)
3.075
1.665
V–(1)
1.575
TI
3.075
1.388
R–
2.625
TG(1)
3.075
1.110
Z–
2.313
TK
3.075
0.925
TE
3.075
0.833
SY(1)
2.925
2.188
SV(1)
2.925
1.575
SH(2)
2.
Available in STM6719 version only.
2.925
1.313
SF(1)
2.925
1.050
SJ(3)
3.
Available in STM6717 version only.
2.925
0.875
SD(3)
2.925
0.788
YV
2.188
1.575
YH
2.188
1.313
YF
2.188
1.050
YJ
2.188
0.875
YD
2.188
0.788
VH
1.575
1.313
VF
1.575
1.050
VJ
1.575
0.875
VD
1.575
0.788
Reset pulse width
blank: trec = 140ms to 280ms
G: trec = 600ms to 1200ms
Package
WY = SOT23-5
WB = SOT23-6
Temperature range
6 = –40 to 85°C
Shipping method
E = ECOPACK® package, tubes
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com