Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6779MSGWB6F Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM6779MSGWB6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6779MSGWB6F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM6779MSGWB6F Datasheet HTML 20Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 21Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 22Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 23Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 24Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 25Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 26Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 27Page - STMicroelectronics STM6779MSGWB6F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Package mechanical data
STM6717/6718/6719/6720/STM6777/6778/6779/6780
24/29
Note:
Dimensions per JEDEC SOT/SOP product outline MO-178C variation AA
Table 9.
SOT23-6 – 6-lead small outline transistor package mechanical data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
–
1.45
–
–
0.057
A1
–
–
0.15
–
–
0.006
A2
1.15
0.90
1.30
0.045
0.035
0.051
b
–
0.30
0.50
–
0.012
0.020
C
–
0.08
0.22
–
0.003
0.009
D
2.90
–
–
0.114
–
–
E
2.80
–
–
0.110
–
–
E1
1.60
–
–
0.063
–
–
e
0.95
–
–
0.037
–
–
e1
1.90
–
–
0.075
–
–
L
0.45
0.30
0.60
0.018
0.012
0.024
Q
4°
0°
8°4°0°
8°
N6
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com