Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1SC5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA6V1SC5
Description  Quad Transil array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1SC5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDA6V1SC5 Datasheet HTML 2Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 3Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 4Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 5Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 6Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 7Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 8Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 9Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical information
ESDAxxSCx
6/11
3
Technical information
3.1
ESD protection
The ESDA19SC6 is particularly optimized to perform ESD protection. ESD protection is
achieved by clamping the unwanted overvoltage. The clamping voltage is given by the
following formula :
VCL = VBR + Rd . IPP
As shown in Figure 11., the ESD strikes are clamped by the transient voltage suppressor.
Figure 11.
ESD clamping behavior (example)
To have a good approximation of the remaining voltages at both VI/O side, we provide the
typical dynamical resistance value Rd. By taking into account the following hypothesis :
R
g > Rd and Rload > Rd
we have:
The results of the calculation done for Vg = 8 kV, Rg = 330
Ω (IEC61000-4-2 standard),
VBR = 19 V (typ.) and Rd = 0.80
Ω (typ.) give:
Vouput = 38.4 V
This confirms the very low remaining voltage across the device to be protected. It is also
important to note that in this approximation the parasitic inductance effect was not taken into
account. This could be a few tenths of volts during a few nanoseconds at the output side.
ESD Surge
Voutput
Rload
Rg
Rd
VBR
Vg
Device
to be
protected
ESDA19SC6
V
output
V
BR
R
d
+
V
g
R
g
-------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com