Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1SC5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1SC5
Description  Quad Transil array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1SC5 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1SC5 Datasheet HTML 1Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 2Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 3Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 4Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 5Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 6Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 7Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 8Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
ESDAxxSCx
2/11
1
Characteristics
Table 1.
Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge
MIL STD 883E - Method 3015-7
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
25
kV
PPP
Peak pulse power (8/20µs)
ESDA5V3SCx
ESDA6V1SCx
500
400
W
ESDA14V2SCx
ESDA17SC6
ESDA19SC6
ESDA25SC6
300
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5mm for case
260
°C
Top
Operating temperature range
-40 to +125
°C
Table 2.
Electrical characteristics - definitions (Tamb = 25 °C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
C
Capacitance
Rd
Dynamic resistance
VF
Forward voltage dropt
I
IF
V F
VBR
VRM
I PP
I RM
V
Rd
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com