Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1SC5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ESDA6V1SC5
Description  Quad Transil array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1SC5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ESDA6V1SC5 Datasheet HTML 3Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 4Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 5Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 6Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 7Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 8Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 9Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 10Page - STMicroelectronics ESDA6V1SC5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ESDAxxSCx
Package information
9/11
Figure 14.
SOT23-6L footprint (dimensions in mm)
Table 5.
SOT23-6L dimensions
Ref.
Dimensions
Millimeters
Inches
Min. Typ. Max.
Min.
Typ.
Max.
A
0.90
1.45 0.035
0.057
A1
0
0.10
0
0.004
A2
0.90
1.30 0.035
0.051
b
0.35
0.50 0.014
0.020
c
0.09
0.20 0.004
0.008
D
2.80
3.05
0.11
0.118
E
1.50
1.75 0.059
0.069
e0.95
0.037
H
2.60
3.00 0.102
0.118
L
0.10
0.60 0.004
0.024
θ
10°
10°
A2
A
L
H
c
b
E
D
e
e
A1
θ
0.95
0.60
1.20
1.10
3.50
2.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com