Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM02M8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF03-SIM02M8
Description  3 line IPAD, EMI filter for SIM card applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02M8 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF03-SIM02M8 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2007
Rev 1
1/10
EMIF03-SIM02M8
3 line IPAD™, EMI filter for SIM card applications
Features
■ SIM card EMI low-pass filter
■ High efficiency in EMI filtering
■ Very low PCB space consumption:
1.7 mm x 1.5 mm
■ Very thin package: 0.6 mm max
■ High efficiency in ESD suppression on external
pins (IEC 61000-4-2 level 4).
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging.
■ Lead free package
■ Easy layout and flexibility thanks to I/O
topology
■ Low clamping voltage
Complies with following standards
■ IEC 61000-4-2 level 4 external pins
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-2 level 2 internal pins
– 2 kV (air discharge)
– 2 kV (contact discharge)
■ MIL STD 883G - Method 3015-7 Class 3A (all
pins)
Applications
Where EMI filtering in ESD sensitive equipment is
required:
■ Keyboard for mobile phones
■ Computers and printers
■ Communication systems
■ MCU boards
TM: IPAD is a trademark of STMicroelectronics
Figure 1.
Pin configuration (top view)
Figure 2.
Device configuration
Description
The EMIF03-SIM02M8 is a 3 line highly
integrated device designed to suppress EMI/RFI
noise in all systems exposed to electromagnetic
interference.
This filter includes ESD protection circuitry, which
prevents damage to the application when
subjected to ESD surges up to 15 kV on the
external pins.
1
1
2
3
4
5
6
8
7
GND
GND
Micro QFN 1.7 mm x 1.5 mm
(bottom view)
Vcc
Vcc
RST in
CLK in
Data in
RST EXT
CLKEXT
Data
EXT
Maximum line capacitance = 20 pF
100
Ω
47
Ω
100
Ω
RST ext
RST in
CLK ext
CLK in
Data ext
Data in
GND
Vcc
R1
R2
R3
www.st.com


Similar Part No. - EMIF03-SIM02M8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2 Datasheet
141Kb / 8P
3 line EMI filter including ESD protection
21-Mar-2007
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F1 STMICROELECTRONICS-EMIF03-SIM02F1 Datasheet
130Kb / 7P
3 LINE EMI FILTER INCLUDING ESD PROTECTION
12-Sep-2005
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2 Datasheet
130Kb / 7P
3 LINE EMI FILTER INCLUDING ESD PROTECTION
12-Sep-2005
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2 Datasheet
155Kb / 8P
3-line IPAD, EMI filter including ESD protection
24-Apr-2008
More results

Similar Description - EMIF03-SIM02M8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2_08 Datasheet
155Kb / 8P
3-line IPAD, EMI filter including ESD protection
24-Apr-2008
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3 Datasheet
307Kb / 9P
3-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB04F3 STMICROELECTRONICS-EMIF02-USB04F3 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
21-Oct-2010
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
3-line IPAD?? EMI filter including ESD protection
07-Apr-2010
EMIF03-SIM03F3 STMICROELECTRONICS-EMIF03-SIM03F3 Datasheet
197Kb / 8P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
3-line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
3-line IPAD™, EMI filter including ESD protection
19-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com