Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM02M8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF03-SIM02M8
Description  3 line IPAD, EMI filter for SIM card applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02M8 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF03-SIM02M8 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
EMIF03-SIM02M8
2/10
1
Characteristics
Table 1.
Absolute ratings (limiting values at Tamb = 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VPP
Internal pins
ESD discharge IEC 61000-4-2 air discharge
ESD discharge IEC 61000-4-2 contact discharge
External pins and VCC
ESD discharge IEC 61000-4-2 air discharge
ESD discharge IEC 61000-4-2 contact discharge
All pins
MIL STD 883G - Method 3015-7 Class 3A (human body model)
2
2
15
8
4
kV
Tj
Junction temperature
125
°C
Top
Operating temperature range
-40 to + 85
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
VCL
Clamping voltage
IPP
Peak pulse current
RI/O
Series resistance between input and output
Cline
Input capacitance per line
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
7.9
V
IRM
VRM = 3 V
0.2
µA
R1, R3
Tolerance ± 20%
100
Ω
R2
Tolerance ± 20%
47
Ω
Cline
VR= 0 V, F = 1 MHz, VOSC = 30 mV
17
20
pF
VBR
IPP
VRM
VF
IF
I
IRM
IR
V
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com