Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF03-SIM02M8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF03-SIM02M8
Description  3 line IPAD, EMI filter for SIM card applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02M8 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF03-SIM02M8 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 8Page - STMicroelectronics EMIF03-SIM02M8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EMIF03-SIM02M8
Characteristics
3/10
Figure 3.
S21(db) attenuation (RST line)
Figure 4.
S21(db) attenuation (CLK line)
dB
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
F (Hz)
dB
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
F (Hz)
Figure 5.
S21(db) attenuation (DATA line)
Figure 6.
Analog cross talk measurements
dB
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
F (Hz)
dB
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M
300.0M
1.0G
3.0G
-120.00
-110.00
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
ClkIn - RstExt
DataIn-Rst/Clk
F (Hz)
Figure 7.
ESD response to IEC 61000-4-2
(+15 kV air discharge) applied to
external pin
Figure 8.
ESD response to IEC 61000-4-2
(-15 kV air discharge) applied to
external pin
200 ns/div
200 ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com