Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R24FP Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS-R24FP
Description  1.8 A DC-DC converter modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R24FP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GS-R24FP Datasheet HTML 2Page - STMicroelectronics GS-R24FP Datasheet HTML 3Page - STMicroelectronics GS-R24FP Datasheet HTML 4Page - STMicroelectronics GS-R24FP Datasheet HTML 5Page - STMicroelectronics GS-R24FP Datasheet HTML 6Page - STMicroelectronics GS-R24FP Datasheet HTML 7Page - STMicroelectronics GS-R24FP Datasheet HTML 8Page - STMicroelectronics GS-R24FP Datasheet HTML 9Page - STMicroelectronics GS-R24FP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Maximum ratings
GS-R24FP
6/15
2.3
Thermal de-rating
Table 5.
Thermal de-rating for free air condition (all versions)
Symbol
Parameter
Test condition
Value
Unit
Io
Output current
VI = 16 V, TA = 30 °C
1.80
A
VI = 16 V, TA = 40 °C
1.80
VI = 16 V, TA = 50 °C
1.75
VI = 16 V, TA = 55 °C
1.70
VI = 16 V, TA = 60 °C
1.65
VI = 16 V, TA = 65 °C
1.50
VI = 16 V, TA = 70 °C
1.35
VI = 16 V, TA = 75 °C
1.25
VI = 16 V, TA = 80 °C
1.10
VI = 16 V, TA = 85 °C
0.90
Io
Output c urrent
VI = 24 V, TA = 30 °C
1.80
A
VI = 24 V, TA = 40 °C
1.75
VI = 24 V, TA = 50 °C
1.70
VI = 24 V, TA = 55 °C
1.60
VI = 24 V, TA = 60 °C
1.45
VI = 24 V, TA = 65 °C
1.30
VI = 24 V, TA = 70 °C
1.20
VI = 24 V, TA = 75 °C
1.05
VI = 24 V, TA = 80 °C
0.85
VI = 24 V, TA = 85 °C
0.60
Io
Output current
VI = 35 V, TA = 30 °C
1.75
A
VI = 35 V, TA = 40 °C
1.60
VI = 35 V, TA = 50 °C
1.45
VI = 35 V, TA = 55 °C
1.35
VI = 35 V, TA = 60 °C
1.20
VI = 35 V, TA = 65 °C
1.05
VI = 35 V , TA = 70 °C
0.90
VI = 35 V, TA = 75 °C
0.75
VI = 35 V, TA = 80 °C
0.50
VI = 35 V, TA = 85 °C
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com