Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R24FP Datasheet(PDF) 9 Page - STMicroelectronics

Part # GS-R24FP
Description  1.8 A DC-DC converter modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R24FP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button GS-R24FP Datasheet HTML 5Page - STMicroelectronics GS-R24FP Datasheet HTML 6Page - STMicroelectronics GS-R24FP Datasheet HTML 7Page - STMicroelectronics GS-R24FP Datasheet HTML 8Page - STMicroelectronics GS-R24FP Datasheet HTML 9Page - STMicroelectronics GS-R24FP Datasheet HTML 10Page - STMicroelectronics GS-R24FP Datasheet HTML 11Page - STMicroelectronics GS-R24FP Datasheet HTML 12Page - STMicroelectronics GS-R24FP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
GS-R24FP
Application information
9/15
4.6
Thermal shutdown
The shutdown block generates a signal that turns OFF the power stage if the temperature of
the internal chip goes higher than a fixed internal threshold (150
°C min).
The sensing element of the chip is very close to the PDMOS area, so ensuring an accurate
and fast temperature detection.
An hysteresis of approximately 20
°C avoids that the devices turns ON and OFF
continuously.
4.7
Output voltage programming (GS-R24FP0001.8 only)
The GS-R24FP0001.8 output voltage is 5.54 V
± 4 %, to reduce this value connect a resistor
between pin 10 (FB) and pin 9 (Vout).
The resistor must be located very close to the proper pins, to minimize the injected noise
(see Figure 4).
The resistor value is calculated using the following formula:
for GS-R24FP0001.8 Rv = [(Vout - 1.235) * 11.3] / 5.54 - Vout) --[kΩ]
Vout can be adjusted between 1.235 V (Rv = 0 Ω) and 5.54V (Rv = open)
4.8
Loop compensation (GS-R24FP0001.8 only)
If required by particular load conditions, it is possible to change the feedback loop
compensation, adding an external capacitor between pin 10 (FB) and pin 9 (Vout), which will
act as speed up (see Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com