Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R24FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS-R24FP
Description  1.8 A DC-DC converter modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R24FP Datasheet(HTML) 4 Page - STMicroelectronics

  GS-R24FP Datasheet HTML 1Page - STMicroelectronics GS-R24FP Datasheet HTML 2Page - STMicroelectronics GS-R24FP Datasheet HTML 3Page - STMicroelectronics GS-R24FP Datasheet HTML 4Page - STMicroelectronics GS-R24FP Datasheet HTML 5Page - STMicroelectronics GS-R24FP Datasheet HTML 6Page - STMicroelectronics GS-R24FP Datasheet HTML 7Page - STMicroelectronics GS-R24FP Datasheet HTML 8Page - STMicroelectronics GS-R24FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pin settings
GS-R24FP
4/15
1.2
Pin description
Table 2.
Pin description
Name
Function
Description
1INH
A logic high level disables the device. When the pin is open, an
internal pull up disables the device
2
Sync
Master/slave synchronization
3Vref
3.3 V reference voltage
4
Input +
DC input voltage
5
Input +
DC input voltage
6
Input/output
GND
Return for input/output voltage source
7
Input/output
GND
Return for input/output voltage source
8Vout
Regulated power output
9Vout
Regulated power output
10
FB
Feedback input, available on adjustable device and on request for
additional compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com