Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4089B Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4089B
Description  BINARY RATE MULTIPLIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4089B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4089B Datasheet HTML 2Page - STMicroelectronics HCF4089B Datasheet HTML 3Page - STMicroelectronics HCF4089B Datasheet HTML 4Page - STMicroelectronics HCF4089B Datasheet HTML 5Page - STMicroelectronics HCF4089B Datasheet HTML 6Page - STMicroelectronics HCF4089B Datasheet HTML 7Page - STMicroelectronics HCF4089B Datasheet HTML 8Page - STMicroelectronics HCF4089B Datasheet HTML 9Page - STMicroelectronics HCF4089B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HCF4089B
6/11
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
tPHL tPLH Propagation Delay Time
CLEAR to OUT
5
380
760
ns
10
175
350
15
130
260
tPHL tPLH Propagation Delay Time
CLOCK to "9" or "15" OUT
5
300
600
ns
10
125
250
15
90
180
tPHL tPLH Propagation Delay Time
CASCADE to OUT
590
180
ns
10
45
90
15
35
70
tPHL tPLH Propagation Delay Time
INHIBIT IN to INHIBIT
OUT
5
160
320
ns
10
75
150
15
55
110
tPHL tPLH Propagation Delay Time
SET to OUT
5
330
660
ns
10
150
300
15
110
220
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
fCL
Maximum Clock
Frequency
5
1.2
2.4
MHz
10
2.5
5
15
3.5
7
tW
Clock Pulse Width
5
330
165
ns
10
170
85
15
100
50
tr, tf
Clock Rise or Fall Time
5
15
µs
10
15
15
15
tW
SET or CLEAR pulse
Width
5
160
80
ns
10
90
45
15
60
30
tsetup
INHIBIT Input Set-Up
Time, High Level to Low
Level
5
100
50
ns
10
40
20
15
20
10
tR
INHIBIT Input Removal
Time
5
240
120
ns
10
130
65
15
110
55
tR
Minimum SET Removal
Time
5
150
75
ns
10
80
40
15
50
25
tR
CLEAR Removal Time
5
60
30
ns
10
40
20
15
30
15
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com