Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4089B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4089B
Description  BINARY RATE MULTIPLIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4089B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4089B Datasheet HTML 1Page - STMicroelectronics HCF4089B Datasheet HTML 2Page - STMicroelectronics HCF4089B Datasheet HTML 3Page - STMicroelectronics HCF4089B Datasheet HTML 4Page - STMicroelectronics HCF4089B Datasheet HTML 5Page - STMicroelectronics HCF4089B Datasheet HTML 6Page - STMicroelectronics HCF4089B Datasheet HTML 7Page - STMicroelectronics HCF4089B Datasheet HTML 8Page - STMicroelectronics HCF4089B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2002
s
CASCADABLE IN MULTIPLES OF 4-BITS
s
SET TO "15" INPUT AND "15" DETECT
OUTPUT
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4089B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4089B is a low power 4-bit digital rate
multiplier that provides an output pulse rate that is
the clock input pulse rate multiplied by 1/16 times
the binary input. For example, when the binary
input number is 13, ther will be 13 output pulses
for every 16 input pulses.
HCF4089B has an internal synchronous 4-bit
counter, which, together with one of the four
binary inputs bits, produces pulse trains as shown
in the timing diagram.
If more than one binary input bit is high, the
resulting pulse train is a combination of the above
separate pulse trains. This device may be used to
perform arithmetic operations (add, subtract,
divide, raise to a power), solve algebrical and
differential equations, generate natural logarithms
and
trigonometric
functions,
A/D
and
D/A
conversions, and frequency division.
HCF4089B
BINARY RATE MULTIPLIER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4089BEY
SOP
HCF4089BM1
HCF4089M013TR
DIP
SOP


Similar Part No. - HCF4089B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4089B STMICROELECTRONICS-HCF4089B Datasheet
234Kb / 13P
BINARY RATE MULTIPLIER
Jun-1989
HCF4089BC1 STMICROELECTRONICS-HCF4089BC1 Datasheet
234Kb / 13P
BINARY RATE MULTIPLIER
Jun-1989
HCF4089BEY STMICROELECTRONICS-HCF4089BEY Datasheet
234Kb / 13P
BINARY RATE MULTIPLIER
Jun-1989
More results

Similar Description - HCF4089B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4527B PHILIPS-HEF4527B Datasheet
95Kb / 10P
BCD rate multiplier
January 1995
logo
STMicroelectronics
HCC4089B STMICROELECTRONICS-HCC4089B Datasheet
234Kb / 13P
BINARY RATE MULTIPLIER
Jun-1989
logo
Texas Instruments
CD4089B TI-CD4089B Datasheet
259Kb / 6P
CMOS BINARY RATE MULTIPLIER
CD4527B TI-CD4527B Datasheet
265Kb / 6P
CMOS BCD RATE MULTIPLIER
logo
Intersil Corporation
CD4089BMS INTERSIL-CD4089BMS Datasheet
92Kb / 10P
CMOS Binary Rate Multiplier
December 1992
logo
Motorola, Inc
MC14527B MOTOROLA-MC14527B Datasheet
249Kb / 8P
BCD Rate Multiplier
logo
Texas Instruments
CD4089BE TI1-CD4089BE Datasheet
870Kb / 14P
CMOS Binary Rate Multiplier
NTE4527B TI-NTE4527B Datasheet
1,021Kb / 14P
CMOS BCD Rate Multiplier
CD4089B TI-CD4089B_15 Datasheet
866Kb / 15P
CMOS BINARY RATE MULTIPLIER
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
CMOS Binary Rate Multiplier High-Voltage Types
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com