Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4089B Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4089B
Description  BINARY RATE MULTIPLIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4089B Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4089B Datasheet HTML 1Page - STMicroelectronics HCF4089B Datasheet HTML 2Page - STMicroelectronics HCF4089B Datasheet HTML 3Page - STMicroelectronics HCF4089B Datasheet HTML 4Page - STMicroelectronics HCF4089B Datasheet HTML 5Page - STMicroelectronics HCF4089B Datasheet HTML 6Page - STMicroelectronics HCF4089B Datasheet HTML 7Page - STMicroelectronics HCF4089B Datasheet HTML 8Page - STMicroelectronics HCF4089B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HCF4089B
3/11
TRUTH TABLE
X : Don’t Care
• : Depends on internal state of counter
*: Output same as the first 16 lines of this truth table (depending on values of A, B, C, D)
LOGIC DIAGRAM
INPUTS
OUTPUTS
Number of Pulses or Input Logic Level
Number of Pulses or Output Logic
Level
D
C
B
A
CLOCK
INH IN
STR.
CAS.
CLEAR
SET
OUT
OUT
INH
OUT
"15"
OUT
L
L
L
L
16
L
L
LLL
L
H
11
L
L
L
H
16
L
L
LLL
11
11
L
L
H
L
16
LL
LLL
22
11
L
L
H
H
16
LL
LLL
33
11
L
H
L
L
16
LL
LLL
44
11
L
H
L
H
16
LL
LLL
55
11
L
H
H
L
16
LL
LLL
66
11
L
H
H
H
16
LL
LLL
77
11
H
L
L
L
16
LL
LLL
88
11
H
L
L
H
16
LL
LLL
99
11
H
L
H
L
16
LL
LLL
10
10
11
H
L
H
H
16
LL
LLL
11
11
11
H
H
L
L
16
LL
LLL
12
12
11
H
H
L
H
16
LL
LLL
13
13
11
H
H
H
L
16
LL
LLL
14
14
11
H
H
H
H
16
LL
LLL
15
15
11
XX
XX
16
H
L
L
L
L
••
H
•
X
X
X
X
16
L
H
LLL
L
H
11
XX
XX
16
L
L
H
L
L
H
*
1
1
H
X
X
X
16
L
L
L
H
L
16
16
H
L
L
X
X
X
16
L
L
L
H
L
L
H
H
L
XX
XX
16
L
L
L
L
H
L
H
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com