Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC393 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC393
Description  RAD-HARD DUAL BINARY COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC393 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC393 Datasheet HTML 1Page - STMicroelectronics M54HC393 Datasheet HTML 2Page - STMicroelectronics M54HC393 Datasheet HTML 3Page - STMicroelectronics M54HC393 Datasheet HTML 4Page - STMicroelectronics M54HC393 Datasheet HTML 5Page - STMicroelectronics M54HC393 Datasheet HTML 6Page - STMicroelectronics M54HC393 Datasheet HTML 7Page - STMicroelectronics M54HC393 Datasheet HTML 8Page - STMicroelectronics M54HC393 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
May 2004
s
HIGH SPEED:
fMAX =79MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 393
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9204-074
DESCRIPTION
The M54HC393 is an high speed CMOS DUAL
BINARY COUNTER fabricated with silicon gate
C2MOS technology.
This counter circuit contains independent ripple
carry counters and two 4-bit ripple carry binary
counters, which can be cascaded to create a
single divide by 256 counter.
Each 4-bit counter is increases during the high to
low transition (negative edge) of the clock input,
and each has an independent clear input. When
CLEAR is set to low, all four bits of each counter
are set to a low level. This enables count
truncation and allows the implementation of divide
by N counter configurations.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC393
RAD-HARD DUAL BINARY COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC14D
M54HC14D1
FPC
M54HC14K
M54HC14K1
DILC-14
FPC-14
Rev. 1


Similar Part No. - M54HC393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393 Datasheet
256Kb / 12P
M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R
Feb-1993
M54HC393 STMICROELECTRONICS-M54HC393 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC393D STMICROELECTRONICS-M54HC393D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC393F1R STMICROELECTRONICS-M54HC393F1R Datasheet
256Kb / 12P
M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R
Feb-1993
M54HC393K STMICROELECTRONICS-M54HC393K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT393 STMICROELECTRONICS-M54HCT393 Datasheet
254Kb / 12P
DUAL BINARY COUNTER
Oct-1993
logo
Toshiba Semiconductor
TC74VHC393F TOSHIBA-TC74VHC393F Datasheet
257Kb / 7P
DUAL BINARY COUNTER
TC74HC393AP TOSHIBA-TC74HC393AP Datasheet
288Kb / 8P
DUAL BINARY COUNTER
logo
STMicroelectronics
M74HC393 STMICROELECTRONICS-M74HC393 Datasheet
199Kb / 11P
DUAL BINARY COUNTER
Jul-2001
M54HC4040 STMICROELECTRONICS-M54HC4040 Datasheet
240Kb / 11P
RAD-HARD 12 STAGE BINARY COUNTER
10-May-2004
M54HC193 STMICROELECTRONICS-M54HC193 Datasheet
353Kb / 13P
RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
Apr-2004
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
01-Jun-2004
M54HC4020 STMICROELECTRONICS-M54HC4020_04 Datasheet
332Kb / 11P
RAD-HARD 14 STAGE BINARY COUNTER
10-May-2004
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
logo
Toshiba Semiconductor
74VHC393FT TOSHIBA-74VHC393FT Datasheet
192Kb / 12P
Dual Binary Counter
2017-02-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com