Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM137
Description  Three-terminal adjustable negative voltage regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM137 Datasheet(HTML) 1 Page - STMicroelectronics

  LM137 Datasheet HTML 1Page - STMicroelectronics LM137 Datasheet HTML 2Page - STMicroelectronics LM137 Datasheet HTML 3Page - STMicroelectronics LM137 Datasheet HTML 4Page - STMicroelectronics LM137 Datasheet HTML 5Page - STMicroelectronics LM137 Datasheet HTML 6Page - STMicroelectronics LM137 Datasheet HTML 7Page - STMicroelectronics LM137 Datasheet HTML 8Page - STMicroelectronics LM137 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2008
Rev 3
1/18
18
LM137
LM337
Three-terminal adjustable negative voltage regulators
Features
Output voltage adjustable down to VREF
1.5 A guaranteed output current
0.3 %/V typical load regulation
0.01 %/V typical line regulation
Current limit constant with temperature
Ripple rejection: 77 dB
Standard 3-lead transistor packages
Excellent thermal regulation: 0.002 %/V
50 ppm/°C temperature coefficient
Description
The LM137 series are adjustable 3-terminal
negative voltage regulators capable of supplying
in excess -1.5 A over a -1.2 to -37 V output
voltage range. They are exceptionally easy to use
and require only two external resistors to set the
output voltage. Further, both line and load
regulation are better than standard fixed
regulators. Also, LM137 regulators are supplied in
standard transistor packages which are easily
mounted and handled. In addition to higher
performance than fixed regulators, the LM137
series offer full overload protection available only
in integrated circuits.
Included on the chip are current limit, thermal
overload protection and safe area protection. All
overload protection circuitry remains fully
functional even if the adjustment terminal is
disconnected.
TO-220
TO-3
Table 1.
Device summary
Part numbers
Order codes
Temperature range
LM137
LM137K
-55 °C to 150 °C
LM337
LM337K
0 °C to 125 °C
www.st.com


Similar Part No. - LM137

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
Seme LAB
LM137 SEME-LAB-LM137 Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM137 LINER-LM137 Datasheet
167Kb / 12P
Negative Adjustable Regulator
logo
Seme LAB
LM137 SEME-LAB-LM137 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - LM137

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
Three-Terminal Negative Voltage Regulators
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
Three-Terminal Negative Voltage Regulators
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com