Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM137
Description  Three-terminal adjustable negative voltage regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM137 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM137 Datasheet HTML 6Page - STMicroelectronics LM137 Datasheet HTML 7Page - STMicroelectronics LM137 Datasheet HTML 8Page - STMicroelectronics LM137 Datasheet HTML 9Page - STMicroelectronics LM137 Datasheet HTML 10Page - STMicroelectronics LM137 Datasheet HTML 11Page - STMicroelectronics LM137 Datasheet HTML 12Page - STMicroelectronics LM137 Datasheet HTML 13Page - STMicroelectronics LM137 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Thermal regulation
LM137 - LM337
10/18
6
Thermal regulation
When power is dissipated in an IC, a temperature gradient occurs across the IC chip
affecting the individual IC circuit components. With an IC regulator, this gradient can be
especially severe since power dissipation is large.
Thermal regulation is the effect of these temperature gradients on output voltage (in
percentage output change) per watt of power change in a specified time. Thermal regulation
error is independent of electrical regulation or temperature coefficient, and occurs within 5
ms to 50 ms after a change in power dissipation. Thermal regulation depends on IC layout
as well as electrical design. The thermal regulation of a voltage regulator is defined as the
percentage change of VO, per watt, within the first 10ms after a step of power, is applied.
The LM137 specification is 0.02 %/W max. In Figure 1, a typical LM337’s output drifts only 3
mV for 0.03% of VO = – 10 V) when a 10 W pulse is applied for 10 ms. This performance is
thus well inside the specification limit of 0.02 %/W x 10 W = 0.2% max. When the 10 W
pulse is ended the thermal regulation again shows a 3 mV step as the LM137 chip cools off.
Note that the load regulation error of about 8 mV (0.08 %) is additional to the thermal
regulation error.
In Figure 2, when the 10 W pulse is applied for 100 ms, the output drifts only slightly beyond
the drift in the first 10 ms and the thermal error stays well within 0.1% (10 mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com