Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM137
Description  Three-terminal adjustable negative voltage regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM137 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM137 Datasheet HTML 7Page - STMicroelectronics LM137 Datasheet HTML 8Page - STMicroelectronics LM137 Datasheet HTML 9Page - STMicroelectronics LM137 Datasheet HTML 10Page - STMicroelectronics LM137 Datasheet HTML 11Page - STMicroelectronics LM137 Datasheet HTML 12Page - STMicroelectronics LM137 Datasheet HTML 13Page - STMicroelectronics LM137 Datasheet HTML 14Page - STMicroelectronics LM137 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LM137 - LM337
Typical application
11/18
7
Typical application
* C1 = 1 µF solid tantalum or 10µF aluminium electrolytic required for stability.
** C2 = 1 µF solid tantalum is required only if regulator is more than 10 cm from power supply filter capacitors
* The 10 µF capacitors are optimal to improve ripple rejection.
Figure 15.
Adjustable negative voltage regulator
Figure 16.
Adjustable lab voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com