Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM350 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM350
Description  Three-terminal 3 A adjustable voltage regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM350 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM350_08 Datasheet HTML 2Page - STMicroelectronics LM350_08 Datasheet HTML 3Page - STMicroelectronics LM350_08 Datasheet HTML 4Page - STMicroelectronics LM350_08 Datasheet HTML 5Page - STMicroelectronics LM350_08 Datasheet HTML 6Page - STMicroelectronics LM350_08 Datasheet HTML 7Page - STMicroelectronics LM350_08 Datasheet HTML 8Page - STMicroelectronics LM350_08 Datasheet HTML 9Page - STMicroelectronics LM350_08 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
LM350
6/14
4
Electrical characteristics
Table 4.
Electrical characteristics (VI -VO = 5V, IO = 1.5 A. Although power dissipation is internally
limited, these specifications apply to power dissipation up to 30 W, unless otherwise
specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
KVI
Line regulation (1)
1.
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects are taken into
account separately by thermal rejection.
Ta = 25°C, VI - VO = 3 to 35 V
0.005
0.03
%/V
KVO
Load regulation (1)
Ta = 25°C
IO = 10 mA to 3 A
VO ≤5 V
5
25
mV
VO ≥ 5 V
0.1
0.5
%
Thermal regulation
Pulse = 20 ms
0.002
0.02
%/W
IADJ
Adjustment pin current
50
100
µA
ΔIADJ
Adjustment pin current
change
IL = 10 mA to 3 A, VI - VO = 3 to 35 V
0.2
5
µA
VREF
Reference voltage
VI - VO = 3 to 35 V, IO = 10 mA to 3 A
P
≤30 W
1.19
1.24
1.29
V
KVI
Line regulation (1)
VI - VO = 3 to 35 V
0.02
0.05
%/V
KVO
Load regulation (1)
IO = 10 mA to 3 A
VO ≤5 V
20
70
mV
VO ≥ 5 V
0.3
1.5
%
KVT
Temperature stability
TJ = TMIN to TMAX
1%
IO(MIN) Minimum load current
VI - VO ≤35 V
3.5
10
mA
IO(MAX) Current limit
VI - VO ≤10 V
DC
3
4.5
A
VI - VO = 30 V
1
VNO
RMS output noise
(% of VO)
Ta = 25°C, f = 10 Hz to 10 kHz
0.001
%
RVF
Ripple rejection ratio
VO = 10 V, f = 120 Hz
65
dB
CADJ = 10 µF
66
86
KVH
Long term stability
Ta = 125°C
0.3
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com