Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM350 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM350
Description  Three-terminal 3 A adjustable voltage regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM350 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM350_08 Datasheet HTML 5Page - STMicroelectronics LM350_08 Datasheet HTML 6Page - STMicroelectronics LM350_08 Datasheet HTML 7Page - STMicroelectronics LM350_08 Datasheet HTML 8Page - STMicroelectronics LM350_08 Datasheet HTML 9Page - STMicroelectronics LM350_08 Datasheet HTML 10Page - STMicroelectronics LM350_08 Datasheet HTML 11Page - STMicroelectronics LM350_08 Datasheet HTML 12Page - STMicroelectronics LM350_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LM350
Application hints
9/14
decrease in capacitance at frequencies around 0.5 MHz. For this reason, 0.01 µF disc may
seem to work better than a 0.1 µF disc as a bypass.
Although the LM350 is stable with no output capacitors, like any feedback circuit, certain
values of external capacitance can cause excessive ringing. This occurs with values
between 500 pF and 5000 pF. A 1 µF solid tantalum (or 25 µF aluminium electrolytic) on the
output swamps this effect and insures stability.
6.2
Load regulation
The LM350 is capable of providing extremely good load regulation but a few precautions are
needed to obtain maximum performance. The current set resistor connected between the
adjustment terminal and the output terminal (usually 240
Ω) should be tied directly to the
output of the regulator rather than near the load. This eliminates line drops from appearing
effectively in series with the reference and degrading regulation. For example, a 15 V
regulator with 0.05
Ω resistance between the regulator and load will have a load regulation
due to line resistance of 0.05
Ω x IL. If the set resistor is connected near the load the
effective line resistance will be 0.05
Ω (1 + R2/R1) or in this case, 11.5 times worse.
Figure 5 shows the effect of resistance between the regulator and 140
Ω set resistor. With
the TO-3 package, it is easy to minimize the resistance from the case to the set resistor, by
using 2 separate leads to the case. The ground of R2 can be returned near the ground of the
load to provide remote ground sensing and improve load regulation.
6.3
Protection diodes
When external capacitors are used with any IC regulator it is sometimes necessary to add
protection diodes to prevent the capacitors from discharging through low current points into
the regulator. Most 20 µF capacitors have low enough internal series resistance to deliver
20 A spikes when shorted. Although the surge is short, there is enough energy to damage
parts of the IC.
When an output capacitor is connected to a regulator and the input is shorted, the output
capacitor will discharge into the output of the regulator. The discharge current depends on
the value of the capacitor, the output voltage of the regulator, and the rate of decrease of VI.
In the LM350 this discharge path is through a large junction that is able to sustain 25 A
surge with no problem. This is not true of other types of positive regulators. For output
capacitors of 100 µF or less at output of 15 V or less, there is no need to use diodes.
The bypass capacitor on the adjustment terminal can discharge through a low current
junction. Discharge occurs when either the input or output is shorted. Internal to the LM350
is a 50
Ω resistor which limits the peak discharge current. No protection is needed for output
voltages of 25 V or less and 10 µF capacitance. Figure 6 shows an LM350 with protection
diodes included for use with outputs greater than 25 V and high values of output
capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com