Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM350 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM350
Description  Three-terminal 3 A adjustable voltage regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM350 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM350_08 Datasheet HTML 3Page - STMicroelectronics LM350_08 Datasheet HTML 4Page - STMicroelectronics LM350_08 Datasheet HTML 5Page - STMicroelectronics LM350_08 Datasheet HTML 6Page - STMicroelectronics LM350_08 Datasheet HTML 7Page - STMicroelectronics LM350_08 Datasheet HTML 8Page - STMicroelectronics LM350_08 Datasheet HTML 9Page - STMicroelectronics LM350_08 Datasheet HTML 10Page - STMicroelectronics LM350_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LM350
Typical performance
7/14
5
Typical performance
Δ Needed if device is far from filter capacitors.
* Optional-improves transient response. Output capacitors in the range of 1 µF to 100 µF of aluminium or
tantalum electrolytic are commonly used to provide improved output impedance and rejection of transients
** VO = 1.25 V (1 + R2/R1)
Figure 3.
1.2 V to 25 V adjustable regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com