Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 9Page - STMicroelectronics L4973 Datasheet HTML 10Page - STMicroelectronics L4973 Datasheet HTML 11Page - STMicroelectronics L4973 Datasheet HTML 12Page - STMicroelectronics L4973 Datasheet HTML 13Page - STMicroelectronics L4973 Datasheet HTML 14Page - STMicroelectronics L4973 Datasheet HTML 15Page - STMicroelectronics L4973 Datasheet HTML 16Page - STMicroelectronics L4973 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
L4973
Typical characteristics
13/27
Figure 13. Reference voltage vs.
input voltage (pin 16)
Figure 14. Reference voltage vs.
reference input current
Figure 15. Inhibit current vs. inhibit
voltage (pin 10)
Figure 16. Line regulation (see Figure 7)
Figure 17. Load regulation (see Figure 7) Figure 18. Line regulation (see Figure 8)
0
1020304050
VCC(V)
5.0
5.05
5.1
5.15
VREF
(V)
D97IN636A
Tj=25˚C
Pin 16
0
1020304050 IREF(mA)
4.9
5.0
5.1
5.2
VREF
(V)
D97IN638
Tj=25˚C
Vcc=10V
Vcc=40V
0
15
Vinh(V)
10
5
-50
0
50
100
Iinh
(
µA)
D97IN651
Tj=0˚C
Tj=25˚C
Tj=125˚C
Vcc=35V
Pin 10
0
1020304050
VCC(V)
5.06
5.08
5.1
5.12
VO
(V)
D97IN639A
Tj=25˚C
Tj=125˚C
IO = 1A
0123
IO(A)
5.0
5.05
5.1
5.15
VO
(V)
D97IN640
Tj=25˚C
Tj=125˚C
VCC = 35V
0
1020304050
VCC(V)
3.3
3.31
3.32
3.34
VO
(V)
3.33
3.35
D97IN660A
Tj=25˚C
Tj=125˚C
IO = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com