Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4973 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L4973
Description  3.5A step down switching regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4973 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L4973 Datasheet HTML 17Page - STMicroelectronics L4973 Datasheet HTML 18Page - STMicroelectronics L4973 Datasheet HTML 19Page - STMicroelectronics L4973 Datasheet HTML 20Page - STMicroelectronics L4973 Datasheet HTML 21Page - STMicroelectronics L4973 Datasheet HTML 22Page - STMicroelectronics L4973 Datasheet HTML 23Page - STMicroelectronics L4973 Datasheet HTML 24Page - STMicroelectronics L4973 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
L4973
Application ideas
21/27
Figure 43. Synchronization example
Figure 44. Multi output not isolated (pin out referred to DIP12+3+3)
L4973
L4973
18
18
VCC2
D97IN669
1
7,8
VCC1
1
7,8
4,5,6
13,14,15
4,5,6
13,14,15
L4973
L4973
18
18
VCC
1
7,8
1
7,8
4,5,6
13,14,15
4,5,6
13,14,15
L4973
VCC
C1
C2
R2
C7
C3
C4
C5
C6
R1
D1
L1
C9
C10
Vo1
C8
4,5,6
13,14,15
7,8
10
18
9
1
17
16
INH
SYNC
11
2,3
12
C11
Vo2
n1
n2
D2
D97IN667A
VO2 = VO1
n1 + n2
n1
PO2 < 20% PO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com