Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562AD Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6562AD
Description  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6562AD Datasheet HTML 5Page - STMicroelectronics L6562AD Datasheet HTML 6Page - STMicroelectronics L6562AD Datasheet HTML 7Page - STMicroelectronics L6562AD Datasheet HTML 8Page - STMicroelectronics L6562AD Datasheet HTML 9Page - STMicroelectronics L6562AD Datasheet HTML 10Page - STMicroelectronics L6562AD Datasheet HTML 11Page - STMicroelectronics L6562AD Datasheet HTML 12Page - STMicroelectronics L6562AD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
L6562A
Typical electrical characteristic
9/26
6
Typical electrical characteristic
Figure 3.
Supply current vs supply
voltage
Figure 4.
Start-up & UVLO vs TJ
Figure 5.
IC consumption vs TJ
Figure 6.
Vcc Zener voltage vs TJ
0.00
0.01
0.10
1.00
10.00
0.00
5.00
10.00
15.00
20.00
25.00
Vcc (V)
Co = 1 nF
f = 70 kHz
Tj = 25°C
pj
9
10
11
12
13
-50
0
50
100
150
Tj (°C)
Vcc-ON
Vcc-OFF
pj
0.01
0.1
1
10
-50
0
50
100
150
Tj (°C)
Before start-up
Disabled or during OVP
Quiescent
Operating
Vcc = 12 V
Co= 1 nF
f = 70 kHz
22
23
24
25
26
27
28
-50
0
50
100
150
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com