Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562AD Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6562AD
Description  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AD Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6562AD Datasheet HTML 12Page - STMicroelectronics L6562AD Datasheet HTML 13Page - STMicroelectronics L6562AD Datasheet HTML 14Page - STMicroelectronics L6562AD Datasheet HTML 15Page - STMicroelectronics L6562AD Datasheet HTML 16Page - STMicroelectronics L6562AD Datasheet HTML 17Page - STMicroelectronics L6562AD Datasheet HTML 18Page - STMicroelectronics L6562AD Datasheet HTML 19Page - STMicroelectronics L6562AD Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Application information
L6562A
16/26
7.4
Operating with no auxiliary winding on the boost inductor
To generate the synchronization signal on the ZCD pin, the typical approach requires the
connection between the pin and an auxiliary winding of the boost inductor through a limiting
resistor. When the device is supplied by the cascaded DC-DC converter, it is necessary to
introduce a supplementary winding to the PFC choke just to operate the ZCD pin.
Another solution could be implemented by simply connecting the ZCD pin to the drain of the
power MOSFET through an R-C network as shown in figure 3: in this way the high-
frequency edges experienced by the drain will be transferred to the ZCD pin, hence arming
and triggering the ZCD comparator.
Also in this case the resistance value must be properly chosen to limit the current
sourced/sunk by the ZCD pin. In typical applications with output voltages around 400V,
recommended values for these components are 22pF (or 33pF) for CZCD and 330k for
RZCD. With these values proper operation is guaranteed even with few volts difference
between the regulated output voltage and the peak input voltage
Figure 20. ZCD pin synchronization without auxiliary winding
L6562A
CZCD
RZCD
5
ZCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com