Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6562AD Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6562AD
Description  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6562AD Datasheet HTML 15Page - STMicroelectronics L6562AD Datasheet HTML 16Page - STMicroelectronics L6562AD Datasheet HTML 17Page - STMicroelectronics L6562AD Datasheet HTML 18Page - STMicroelectronics L6562AD Datasheet HTML 19Page - STMicroelectronics L6562AD Datasheet HTML 20Page - STMicroelectronics L6562AD Datasheet HTML 21Page - STMicroelectronics L6562AD Datasheet HTML 22Page - STMicroelectronics L6562AD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
L6562A
Application examples and ideas
19/26
Figure 22. L6562A 80W TM PFC evaluation
board: compliance to EN61000-3-2
standard
Figure 23. L6562A 80W TM PFC evaluation
board: compliance to JEIDA-MITI
standard
Vin = 230 Vac - 50 Hz, Pout = 80 W
THD = 10.48 %, PF = 0.973
Vin = 100 Vac - 50 Hz, Pout = 80 W
THD = 3.18 %, PF = 0.997
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 11 131517 1921 23 2527 29 31 33 35 37 39
Harmonic Order (n)
Measurements @ 230Vac Full load
EN61000-3-2 class D limits
0.0001
0.001
0.01
0.1
1
1 3 5 7 9 11 13 15 1719 212325 272931 33 35 37 39
Harmonic Order (n)
Measurements @ 100Vac Full load
JEIDA-MITI class D limits
Figure 24. Figure 3 - L6562A 80W TM PFC
Evaluation board: Input Current
waveform @230V-50Hz – 80W load
Figure 25. Figure 4- L6562A 80W TM PFC
Evaluation board: Input Current
waveform @100V-50Hz – 80W load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com