Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W201 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M27W201
Description  2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W201 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M27W201 Datasheet HTML 14Page - STMicroelectronics M27W201 Datasheet HTML 15Page - STMicroelectronics M27W201 Datasheet HTML 16Page - STMicroelectronics M27W201 Datasheet HTML 17Page - STMicroelectronics M27W201 Datasheet HTML 18Page - STMicroelectronics M27W201 Datasheet HTML 19Page - STMicroelectronics M27W201 Datasheet HTML 20Page - STMicroelectronics M27W201 Datasheet HTML 21Page - STMicroelectronics M27W201 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Package mechanical data
M27W201
18/24
5.2
32-pin Plastic DIP, 600 mils width (PDIP32)
Figure 11.
PDIP32 package outline
Table 12.
PDIP32 package mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A4.83
0.190
A1
0.38
0.015
A2
3.81
0.150
b
0.41
0.53
0.016
0.021
b1
1.14
1.65
0.045
0.065
c
0.23
0.38
0.009
0.015
D
41.78
42.29
1.645
1.665
D2
38.10
1.500
eA
15.24
0.600
e
2.54
0.100
E
15.24
15.88
0.600
0.625
E1
13.46
13.97
0.530
0.550
S
1.65
2.21
0.065
0.087
L
3.05
3.56
0.120
0.140
α
0°
15°
0°
15°
N32
32
PDIP-C
A2
A1
A
L
b1
b
e
D
S
E1
E
N
1
c
α
eA
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com