Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W201 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M27W201
Description  2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W201 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M27W201 Datasheet HTML 16Page - STMicroelectronics M27W201 Datasheet HTML 17Page - STMicroelectronics M27W201 Datasheet HTML 18Page - STMicroelectronics M27W201 Datasheet HTML 19Page - STMicroelectronics M27W201 Datasheet HTML 20Page - STMicroelectronics M27W201 Datasheet HTML 21Page - STMicroelectronics M27W201 Datasheet HTML 22Page - STMicroelectronics M27W201 Datasheet HTML 23Page - STMicroelectronics M27W201 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Part numbering
M27W201
22/24
6
Part numbering
Table 16.
Ordering Information Scheme
For a list of available options (speed, package, etc...) or for further information on any aspect
of this device, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M27W201
-80 K
6 TR
Device Type
M27
Supply Voltage
W = 2.7V to 3.6V
Device Function
201 = 2 Mbit (256Kb x 8)
Speed
-80 (1) (2) = 80 ns
1.
High Speed, see AC Characteristics section for further information.
2.
This speed also guarantees 70ns access time at VCC = 3.0V to 3.6V.
-100 = 100 ns
Not For New Design (3)
3.
These speeds are replaced by the 100ns.
-120 = 120 ns
-150 = 150 ns
-200 = 200 ns
Package
F = FDIP32W (4)
4.
Packages option available on request. Please contact STMicroelectronics local Sales Office.
B = PDIP32
K = PLCC32
N = TSOP32: 8 x 20 mm (4)
NZ = TSOP32: 8 x 14 mm (4)
Temperature Range
6 = –40 to 85 °C
Options
TR = ECOPACK® package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com