Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W512 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M27W512
Description  512 Kbit (64 Kbit x8) low-voltage OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M27W512 Datasheet HTML 10Page - STMicroelectronics M27W512 Datasheet HTML 11Page - STMicroelectronics M27W512 Datasheet HTML 12Page - STMicroelectronics M27W512 Datasheet HTML 13Page - STMicroelectronics M27W512 Datasheet HTML 14Page - STMicroelectronics M27W512 Datasheet HTML 15Page - STMicroelectronics M27W512 Datasheet HTML 16Page - STMicroelectronics M27W512 Datasheet HTML 17Page - STMicroelectronics M27W512 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DC and AC parameters
M27W512
14/22
Figure 6.
Read mode AC waveforms
Table 8.
Read mode AC characteristics
Symbol
Alt
Parameter
Test
condition
(1)
M27W512
Unit
-70(2)
-80(2)
-100
VCC = 3.0 to
3.6V
VCC = 2.7 to
3.6V
VCC = 2.7 to
3.6V
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address valid to
output valid
E = VIL,
G = VIL
70
80
100
ns
tELQV
tCE
Chip Enable low to
output valid
G = VIL
70
80
100
ns
tGLQV
tOE
Output Enable low to
output valid
E = VIL
40
50
60
ns
tEHQZ
(3)
tDF
Chip Enable high to
output Hi-Z
G = VIL
0
40
0
50
60
ns
tGHQZ
(3)
tDF
Output Enable high to
output Hi-Z
E = VIL
0
40
0
50
60
ns
tAXQX
tOH
Address transition to
output transition
E = VIL,
G = VIL
00
ns
1.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2.
Speed obtained with High Speed AC measurement conditions.
3.
Sampled only, not 100% tested.
AI00735B
tAXQX
tEHQZ
A0-A15
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com