Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27W512 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M27W512
Description  512 Kbit (64 Kbit x8) low-voltage OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M27W512 Datasheet HTML 14Page - STMicroelectronics M27W512 Datasheet HTML 15Page - STMicroelectronics M27W512 Datasheet HTML 16Page - STMicroelectronics M27W512 Datasheet HTML 17Page - STMicroelectronics M27W512 Datasheet HTML 18Page - STMicroelectronics M27W512 Datasheet HTML 19Page - STMicroelectronics M27W512 Datasheet HTML 20Page - STMicroelectronics M27W512 Datasheet HTML 21Page - STMicroelectronics M27W512 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
M27W512
Package mechanical data
19/22
Figure 9.
PLCC32 - 32 lead plastic leaded chip carrier, package outline
1.
Drawing is not to scale.
Table 12.
PLCC32 - 32 lead plastic leaded chip carrier, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
3.175
3.556
0.1250
0.1400
A1
1.530
2.413
0.0602
0.0950
A2
0.381
-
0.0150
-
B
0.330
0.533
0.0130
0.0210
B1
0.660
0.813
0.0260
0.0320
CP
0.100
0.0039
D
12.319
12.573
0.4850
0.4950
D1
11.354
11.506
0.4470
0.4530
D2
4.780
5.660
0.1882
0.2228
D3
7.620
-
-
0.3000
-
-
E
14.859
15.113
0.5850
0.5950
E1
13.894
14.046
0.5470
0.5530
E2
6.050
6.930
0.2382
0.2728
E3
10.160
-
-
0.4000
-
-
e
1.270
-
-
0.0500
-
-
F
0.000
0.127
0.0000
0.0050
R
0.889
-
-
0.0350
-
-
N (number of pins)
32
32
PLCC-A
D
E3
E1 E
1 N
D1
D3
CP
B
E2
e
B1
A1
A
R
0.51 (.020)
1.14 (.045)
F
A2
E2
D2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com