Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z111 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M40Z111
Description  5V or 3V NVRAM supervisor for up to two LPSRAMs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z111 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M40Z111 Datasheet HTML 9Page - STMicroelectronics M40Z111 Datasheet HTML 10Page - STMicroelectronics M40Z111 Datasheet HTML 11Page - STMicroelectronics M40Z111 Datasheet HTML 12Page - STMicroelectronics M40Z111 Datasheet HTML 13Page - STMicroelectronics M40Z111 Datasheet HTML 14Page - STMicroelectronics M40Z111 Datasheet HTML 15Page - STMicroelectronics M40Z111 Datasheet HTML 16Page - STMicroelectronics M40Z111 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
M40Z111, M40Z111W
DC and AC parameters
13/21
4
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in Table 4:
DC and AC measurement conditions. Designers should check that the operating conditions
in their projects match the measurement conditions when using the quoted parameters.
Table 4.
DC and AC measurement conditions
Note:
Note that Output Hi-Z is defined as the point where data is no longer driven.
Figure 7.
AC testing load circuit
1.
50pF for M40Z111W.
Table 5.
Capacitance
Parameter
M40Z111
M40Z111W
VCC supply voltage
4.5 to 5.5V
2.7 to 3.6V
Ambient operating temperature
–40 to 85°C
–40 to 85°C
Load capacitance (CL)
100pF
50pF
Input rise and fall times
≤ 5ns
≤ 5ns
Input pulse voltages
0 to 3V
0 to 3V
Input and output timing ref. voltages
1.5V
1.5V
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5V (M40Z111) or 3.3V (M40Z111W); sampled only,
not 100% tested.
2.
At 25°C, f = 1MHz.
Min
Max
Unit
CIN
Input capacitance
8
pF
COUT
(3)
3.
Outputs deselected
Output capacitance
10
pF
AI02326
CL = 100pF
(1)
or 5pF
CL includes JIG capacitance
645
Ω
DEVICE
UNDER
TEST
1.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com