Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z111 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M40Z111
Description  5V or 3V NVRAM supervisor for up to two LPSRAMs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z111 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M40Z111 Datasheet HTML 13Page - STMicroelectronics M40Z111 Datasheet HTML 14Page - STMicroelectronics M40Z111 Datasheet HTML 15Page - STMicroelectronics M40Z111 Datasheet HTML 16Page - STMicroelectronics M40Z111 Datasheet HTML 17Page - STMicroelectronics M40Z111 Datasheet HTML 18Page - STMicroelectronics M40Z111 Datasheet HTML 19Page - STMicroelectronics M40Z111 Datasheet HTML 20Page - STMicroelectronics M40Z111 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
M40Z111, M40Z111W
Part numbering
19/21
6
Part numbering
Table 10.
Ordering information scheme
Caution:
Do not place the SNAPHAT battery package “M4ZXX-BR00SH” in conductive foam as this
will drain the lithium button-cell battery.
For a list of available options (e.g., speed, package) or for further information on any aspect
of this device, please contact the ST sales office nearest to you.
Table 11.
Battery table
Example:
M40Z
111W
MH
6
E
Device type
M40Z
Supply voltage and write protect voltage
111 = VCC = 4.5 to 5.5V; VPFD = 4.3 to 4.5V
THS = VSS = 4.5 ≤ VPFD ≤ 4.75V
THS = VOUT = 4.2 ≤ VPFD ≤ 4.5V
111W = VCC = 2.7 to 3.6V; VPFD = 2.6 to 2.7V
THS = VSS = 2.8 ≤ VPFD ≤ 3.0V
VCC = 2.7 to 3.3V
THS = VOUT = 2.5 ≤ VPFD ≤ 2.7V
Package
MH(1) = SOH28
1.
The SOIC package (SOH28) requires the battery package (SNAPHAT®) which is ordered separately under
the part number “M4ZXX-BR00SHX” in plastic tubes or “M4ZXX-BR00SHXTR” in tape & reel form.
Temperature range
6 = –40 to 85°C
Shipping method for SOIC
E = Lead-free ECOPACK® package, tubes
F = Lead-free ECOPACK® package, tape & reel
Part number
Description
Package
M4Z28-BR00SH1 SNAPHAT housing for 48mAh battery
SH
M4Z32-BR00SH1 SNAPHAT housing for 120mAh battery
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com