Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z111 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M40Z111
Description  5V or 3V NVRAM supervisor for up to two LPSRAMs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z111 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M40Z111 Datasheet HTML 10Page - STMicroelectronics M40Z111 Datasheet HTML 11Page - STMicroelectronics M40Z111 Datasheet HTML 12Page - STMicroelectronics M40Z111 Datasheet HTML 13Page - STMicroelectronics M40Z111 Datasheet HTML 14Page - STMicroelectronics M40Z111 Datasheet HTML 15Page - STMicroelectronics M40Z111 Datasheet HTML 16Page - STMicroelectronics M40Z111 Datasheet HTML 17Page - STMicroelectronics M40Z111 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DC and AC parameters
M40Z111, M40Z111W
14/21
Table 6.
DC characteristics
Sym
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted).
M40Z111
M40Z111W
Unit
Min
Typ
Max
Min
Typ
Max
ICC
Supply current
Outputs open
3
6
2
4
mA
ICCDR
Data retention mode
current
150
150
nA
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
±1
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0V
≤ VOUT ≤ VCC
±1
±1
µA
IOUT1 VOUT current (active)
VOUT > VCC –0.3
160
100
mA
VOUT > VCC –0.2
100
65
mA
IOUT2
VOUT current (battery
back-up)
VOUT > VBAT –0.3
100
100
µA
VBAT
Battery voltage
2.0
3.0
3.5
2.0
3.0
3.5
V
VIH
Input high voltage
2.2
VCC + 0.3 2.0
VCC +
0.3
V
VIL
Input low voltage
–0.3
0.8
–0.3
0.8
V
VOH
Output high voltage
IOH = –2.0mA
2.4
2.4
V
VOHB VOH battery back-up
IOUT2 = –1.0µA
2.0
2.9
3.6
2.0
2.9
3.6
V
VOL
Output low voltage
IOL = 4.0mA
0.4
0.4
V
THS
Threshold select voltage
VSS
VOUT
VSS
VOUT
V
VPFD
Power-fail deselect
voltage (THS = VSS)
4.50 4.60
4.75
2.80
2.90
3.00
V
Power-fail deselect
voltage (THS = VOUT)
4.20 4.35
4.50
2.50
2.60
2.70
V
VSO
Battery back-up
switchover voltage
3.0
VPFD –
100mV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com