Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990IST Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS4990IST
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IST Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS4990IST Datasheet HTML 7Page - STMicroelectronics TS4990IST Datasheet HTML 8Page - STMicroelectronics TS4990IST Datasheet HTML 9Page - STMicroelectronics TS4990IST Datasheet HTML 10Page - STMicroelectronics TS4990IST Datasheet HTML 11Page - STMicroelectronics TS4990IST Datasheet HTML 12Page - STMicroelectronics TS4990IST Datasheet HTML 13Page - STMicroelectronics TS4990IST Datasheet HTML 14Page - STMicroelectronics TS4990IST Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TS4990
Electrical characteristics
11/32
Figure 20.
PSRR vs. DC output voltage
Figure 21.
PSRR vs. DC output voltage
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 2
Tamb = 25
°C
Differential DC Output Voltage (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)
Figure 22.
Output power vs. power supply
voltage
Figure 23.
PSRR vs. DC output voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
THD+N=10%
RL = 4
Ω
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Vcc (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0.0
0.5
1.0
1.5
2.0
2.5
-60
-50
-40
-30
-20
-10
0
Vcc = 2.6V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 5
Tamb = 25
°C
Differential DC Output Voltage (V)
Figure 24.
PSRR at F = 217 Hz vs.
bypass capacitor
Figure 25.
Output power vs. power supply
voltage
0.1
1
-80
-70
-60
-50
-40
-30
Av=10
Vcc:
2.6V
3.3V
5V
Av=5
Vcc:
2.6V
3.3V
5V
Av=2
Vcc:
2.6V
3.3V
5V
Tamb=25
°C
Bypass Capacitor Cb ( F)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
THD+N=10%
RL = 8
Ω
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Vcc (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com