Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990IST Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4990IST
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IST Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4990IST Datasheet HTML 12Page - STMicroelectronics TS4990IST Datasheet HTML 13Page - STMicroelectronics TS4990IST Datasheet HTML 14Page - STMicroelectronics TS4990IST Datasheet HTML 15Page - STMicroelectronics TS4990IST Datasheet HTML 16Page - STMicroelectronics TS4990IST Datasheet HTML 17Page - STMicroelectronics TS4990IST Datasheet HTML 18Page - STMicroelectronics TS4990IST Datasheet HTML 19Page - STMicroelectronics TS4990IST Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Electrical characteristics
TS4990
16/32
Figure 50.
THD + N vs. output power
Figure 51.
THD + N vs. frequency
1E-3
0.01
0.1
1
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Vcc=2.2V
RL = 16
Ω
F = 20kHz
Av = 2
Cb = 1
μF
BW < 125kHz
Tamb = 25
°C
Output Power (W)
100
1000
10000
0.01
0.1
Vcc=2.2V, Po=130mW
Vcc=5V, Po=1W
RL=8
Ω
Av=2
Cb = 1
μF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
Figure 52.
SNR vs. power supply with
unweighted filter (20Hz to 20kHz)
Figure 53.
THD + N vs. frequency
2.5
3.0
3.5
4.0
4.5
5.0
80
85
90
95
100
105
110
Av = 2
Cb = 1
μF
THD+N < 0.7%
Tamb = 25
°C
RL=16
Ω
RL=4
Ω
RL=8
Ω
Power Supply Voltage (V)
100
1000
10000
0.1
1
Vcc=2.2V, Po=150mW
Vcc=5V, Po=1.3W
RL=4
Ω
Av=2
Cb = 1
μF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
Figure 54.
THD + N vs. frequency
Figure 55.
SNR vs. power supply with
unweighted filter (20Hz to 20kHz)
100
1000
10000
0.01
0.1
Vcc=2.2V, Po=100mW
Vcc=5V, Po=0.55W
RL=16
Ω
Av=2
Cb = 1
μF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
2.5
3.0
3.5
4.0
4.5
5.0
70
75
80
85
90
95
Av = 10
Cb = 1
μF
THD+N < 0.7%
Tamb = 25
°C
RL=16
Ω
RL=4
Ω
RL=8
Ω
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com